hdbaset hdmi over cat.5 extender hve-9200 hve-9200p HVE-9211R hve-9211pr hve-9214t hve-9214pt the hve-92 series is a hdmi extension solution supports hdbaset technology which transmits hdmi signal and multi-channel audio at resolution ultra hd 4k x 2k (3840 x 2160 @ 30hz) and 1080p full hd up to 100m via cat5e or cat6 cable. the series of products are embedded with edid priority management of hdmi outputs supports edid hotplug refreshing function. these products also provide bi-directional rs-232 and ir to control the connected devices from either source or display location. all the features are made to simplify installation and reduce costs, but at the same time providing exceptional video and audio quality. the hve-92 series is the perfect solution for digital signage, trade shows, home theater installations, medical facilities, and other public exhibitions. key features - ieee 802.3af poe compliant to simplify deployment and installation (only for the devices with poe support) - simple plug and play installation - built-in edid hotplug detection - edid priority management of hdmi outputs - transmission distance of up to 100m for hdmi(4k2k), ir and rs-232 - bi-directional rs-232 pass through & ir control - supports video resolutions up to 3840 x 2160 (4k x 2k) @ 30hz - hdmi and hdcp complaint - supports dolby truehd, dts-hd master audio, dolby digital plus, lpcm 7.1 audio - supports 3d, cec & lip sync pass-through - screw-in power socket for added safety h/w version: 1 1. ir cable out 2. ir cable in 3. rx link active 4. power indicator hve-9211pt / hve-9211t HVE-9211R / hve-9211pr hve-9214pt / hve-9214t 1 1 1 2 2 12 6 2 3 3 9 4 4 5 5 5 6 10 7 7 11 11 8 8 8 5. power in 6. rj-45 out / poe out (hve-9211pt / 9214pt) 7. hdmi in 8. rs-232 port 9. tx link active 10. rj-45 in / poe in (hve-9211pr) 11. hdmi out 12. poe link 2
www.level1.com i one world_one brand_one level_ technical specifcations model no. hve-9200 hve-9200p hve-9214t hve-9214pt hve-9211t hdmi over cat.5 transmitter, hdbaset, 100m hdmi type-a female x 1 rs-232 1 3.5mm ir jack 1 power jack x1 rj-45 x 1 3.5mm ir jack 1 48bit dc 12v/1a 200ma metal 125 x 85 x 40mm HVE-9211R hdmi over cat.5 receiver, hdbaset, 100m rj-45 x 1 rs-232 1 3.5mm ir jack 1 power jack x1 hdmi type-a female x 1 3.5mm ir jack 1 48bit dc 12v/1a 400ma metal 125 x 85 x 40mm hve-9211pr hdmi over cat.5 receiver, hdbaset, 100m, 802.3af poe poe rj-45 x 1 rs-232 1 3.5mm ir jack 1 power jack x1 hdmi type-a female x 1 3.5mm ir jack 1 48bit poe 1110ma metal 125 x 85 x 40mm hve-9211pt hdmi over cat.5 transmitter, hdbaset, 100m, 802.3af poe hdmi type-a female x 1 rs-232 1 3.5mm ir jack 1 power jack x1 poe rj-45 x 1 3.5mm ir jack 1 48bit dc 12v/2a 1110ma metal 125 x 85 x 40mm hdmi over cat.5 transmitter, hdbaset, 100m, 4 channel outputs hdmi type-a female x 1 rs-232 1 3.5mm ir jack 1 power jack x1 rj-45 x 4 hdmi type-a female x 1 3.5mm ir jack 1 36bit dc 12v/6.6a 5000ma metal 300 x 160 x 44mm hdmi over cat.5 transmitter, hdbaset, 100m, 4 channel outputs, 802.3af poe hdmi type-a female x 1 rs-232 1 3.5mm ir jack 1 power jack x1 poe rj-45 x 4 hdmi type-a female x 1 3.5mm ir jack 1 36bit dc 12v/6.6a 5000ma metal 300 x 160 x 44mm product name input output deep color power supply power consumption casing dimensions resolution distance video bandwidth ir bandwidth rs-232 baud rate ultra hd 4k x 2k (3840 x 2160 @ 30hz) and 1080p full hd up to 100m (with cat.5e or cat.6 cable) 10.2gbps 38khz 115200bps hdmi source xbox ps3 hdmi cable poe cable hve-9214pt up to 100m up to 100m hdmi display hve-9211pr hdmi display hve-9211pr hdmi display hve-9211pr hdmi display hve-9211pr prodouct diagram hdmi display 3
order information hve-9200: hdmi over cat.5 extender kit, hdbaset, 100m hve-9200p: hdmi over cat.5 extender kit, hdbaset, 100m, 802.3af poe HVE-9211R: hdmi over cat.5 receiver, hdbaset, 100m hve-9211pr: hdmi over cat.5 receiver, hdbaset, 100m, 802.3af poe hve-9214t: hdmi over cat.5 transmitter, hdbaset, 100m, 4 channel outputs hve-9214pt: hdmi over cat.5 transmitter, hdbaset, 100m, 4 channel outputs, 802.3af poe package contents hve-9200: transmitter unit (hve-9211t) x1, receiver unit (HVE-9211R) x1, ir remote control x 2 (transmitter and receiver), locking dc 12v 1a power adapter x 2, ac power cord x 2, user manual x 1 hve-9200p: transmitter unit (hve-9211pt) x1, receiver unit (hve-9211pr) x1, ir remote control x 2 (transmitter and receiver), locking dc 12v 2a power adapter x 1, (rx powered by poe), ac power cord x 1, user manual x1 HVE-9211R: hdbaset 100m receiver x 1, ir remote control x 1, locking dc 12v 1a power adapter x 1, ac power cord x 1, user manual x 1 hve-9211pr: hdbaset 100m receiver x 1, ir remote control x 1, user manual x 1 hve-9214t: hve-9214t x 1, ir remote control x 1, locking dc power adapter x 1, ac power cord x 1, user manual x 1 hve-9214pt: hve-9214pt x 1, ir remote control x 1, locking dc power adapter x 1, ac power cord x 1, user manual x 1 all mentioned brand names are registered trademarks and property of their owners. technical specifcations are subject to change without notice. ? copyright digital data communications gmbh. all rights reserved. v1.0 4
|